| 전자부품 데이터시트 검색엔진 |
|
M41T83SM6F 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T83SM6F 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 61 page ![]() Clock operation M41T82-M41T83 38/61 Doc ID 12578 Rev 12 Table 13. Square wave output frequency Square wave bits Square wave RS3 RS2 RS1 RS0 Frequency Units 0000 None – 0001 32.768 kHz 0010 8.192 kHz 0011 4.096 kHz 0100 2.048 kHz 0101 1.024 kHz 0110 512 Hz 0111 256 Hz 1000 128 Hz 1001 64 Hz 1010 32 Hz 1011 16 Hz 11008 Hz 11014 Hz 11102 Hz 11111 Hz |