전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T82RMY6F 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 M41T82RMY6F
상세설명  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 47Page - STMicroelectronics M41T82RMY6F Datasheet HTML 48Page - STMicroelectronics M41T82RMY6F Datasheet HTML 49Page - STMicroelectronics M41T82RMY6F Datasheet HTML 50Page - STMicroelectronics M41T82RMY6F Datasheet HTML 51Page - STMicroelectronics M41T82RMY6F Datasheet HTML 52Page - STMicroelectronics M41T82RMY6F Datasheet HTML 53Page - STMicroelectronics M41T82RMY6F Datasheet HTML 54Page - STMicroelectronics M41T82RMY6F Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
M41T82-M41T83
DC and AC parameters
Doc ID 12578 Rev 12
51/61
Figure 27.
Bus timing requirement sequence
Table 26.
AC characteristics
Sym
Parameter(1)
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.38 to 5.5 V (except where noted).
Min
Typ
Max
Units
fSCL
SCL clock frequency
0
400
kHz
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
600
ns
tR
SDA and SCL rise time
300
ns
tF
SDA and SCL fall time
300
ns
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:DAT
(2)
2.
Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling
edge of SCL.
Data setup time
100
ns
tHD:DAT
Data hold time
0
µs
tSU:STO
STOP condition setup time
600
ns
tBUF
Time the bus must be free before a new transmission
can start
1.3
µs
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com