전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM217M 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 LM217M
상세설명  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button LM217M_08 Datasheet HTML 8Page - STMicroelectronics LM217M_08 Datasheet HTML 9Page - STMicroelectronics LM217M_08 Datasheet HTML 10Page - STMicroelectronics LM217M_08 Datasheet HTML 11Page - STMicroelectronics LM217M_08 Datasheet HTML 12Page - STMicroelectronics LM217M_08 Datasheet HTML 13Page - STMicroelectronics LM217M_08 Datasheet HTML 14Page - STMicroelectronics LM217M_08 Datasheet HTML 15Page - STMicroelectronics LM217M_08 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Package mechanical data
LM217M - LM317M
12/21
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21