| 전자부품 데이터시트 검색엔진 |
|
M95256-D-CS3TG/K 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-D-CS3TG/K 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 48 page ![]() M95256-DR, M95256, M95256-W, M95256-R DC and AC parameters Doc ID 12276 Rev 11 33/48 Table 15. DC characteristics (M95256-W, device grade 3) Symbol Parameter Test condition Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) C = 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open 3mA ICC0 (1) Supply current (Write) During tW, S = VCC, 2.5 V < VCC < 5.5 V 6mA ICC1 Supply current (Standby Power mode) S = VCC, VIN = VSS or VCC 2.5 V < VCC < 5.5 V, 5µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL Output low voltage IOL = 1.5 mA, VCC = 2.5 V 0.4 V VOH Output high voltage IOH = –0.4 mA, VCC = 2.5 V 0.8 VCC V 1. Characterized value, not tested in production. Table 16. DC characteristics (M95256-R, M95256-DR, device grade 6)(1) Symbol Parameter Test condition(2) Min Max Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current (Read) VCC = 1.8 V, C = 0.1VCC/0.9VCC at 2 MHz, Q = open 1 (3) mA VCC = 1.8 V, C = 0.1VCC/0.9VCC at 5 MHz, Q = open 2(4) ICC0 (5) Supply current (Write) VCC = 1.8 V, during tW, S = VCC 3mA ICC1 Supply current (Standby Power mode) VCC = 1.8 V, S = VCC, VIN = VSS or VCC 3µA VIL Input low voltage 1.8 V V CC < 2.5 V –0.45 0.25 VCC V VIH Input high voltage 1.8 V V CC < 2.5 V 0.75 VCC VCC+1 V VOL Output low voltage IOL = 0.15 mA, VCC = 1.8 V 0.3 V VOH Output high voltage IOH = –0.1 mA, VCC = 1.8V 0.8VCC V 1. New product identified with process letter K. 2. If the application uses the M95256-R, M95256-DR device with 2.5 V < VCC < 5.5 V and -40 °C < TA < +85 °C, please refer to Table 14: DC characteristics (M95256-W, device grade 6) instead of the above table. 3. 2 mA for the new product identified with the process letter K (Preliminary data). 4. Only the new product identified with the process letter K can run at 5 MHz (Preliminary data) 5. Characterized value, not tested in production. |