| 전자부품 데이터시트 검색엔진 |
|
M24M01-HWMN6P/A 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-HWMN6P/A 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 37 page ![]() M24M01-R, M24M01-W, M24M01-HR Device operation Doc ID 12943 Rev 7 17/37 Figure 10. Write cycle polling flowchart using ACK Write cycle in progress AI01847d Next Operation is addressing the memory Start condition Device select with RW = 0 ACK returned YES NO YES NO ReStart Stop Data for the Write cperation Ddevice select with RW = 1 Send Address and Receive ACK First byte of instruction with RW = 0 already decoded by the device YES NO StartCondition Continue the Write operation Continue the Random Read operation |