전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F101XB 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STM32F101XB
상세설명  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101XB 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STM32F101XB Datasheet HTML 21Page - STMicroelectronics STM32F101XB Datasheet HTML 22Page - STMicroelectronics STM32F101XB Datasheet HTML 23Page - STMicroelectronics STM32F101XB Datasheet HTML 24Page - STMicroelectronics STM32F101XB Datasheet HTML 25Page - STMicroelectronics STM32F101XB Datasheet HTML 26Page - STMicroelectronics STM32F101XB Datasheet HTML 27Page - STMicroelectronics STM32F101XB Datasheet HTML 28Page - STMicroelectronics STM32F101XB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
STM32F101x8, STM32F101xB
Pinouts and pin description
Doc ID 13586 Rev 13
25/85
-19
28
-
VDD_4
SVDD_4
14
20
29
11
PA4
I/O
PA4
SPI1_NSS(8)/ADC_IN4
USART2_CK(8)/
15
21
30
12
PA5
I/O
PA5
SPI1_SCK(8)/ADC_IN5
16
22
31
13
PA6
I/O
PA6
SPI1_MISO(8)/ADC_IN6
TIM3_CH1(8)
17
23
32
14
PA7
I/O
PA7
SPI1_MOSI(8)/ADC_IN7
TIM3_CH2(8)
-
24
33
PC4
I/O
PC4
ADC_IN14
-
25
34
PC5
I/O
PC5
ADC_IN15
18
26
35
15
PB0
I/O
PB0
ADC_IN8/TIM3_CH3(8)
19
27
36
16
PB1
I/O
PB1
ADC_IN9/TIM3_CH4(8)
20
28
37
17
PB2
I/O
FT
PB2/BOOT1
-
-
38
-
PE7
I/O
FT
PE7
-
-
39
-
PE8
I/O
FT
PE8
-
-
40
-
PE9
I/O
FT
PE9
--
41
-
PE10
I/O
FT
PE10
--
42
-
PE11
I/O
FT
PE11
--
43
-
PE12
I/O
FT
PE12
--
44
-
PE13
I/O
FT
PE13
--
45
-
PE14
I/O
FT
PE14
--
46
-
PE15
I/O
FT
PE15
21
29
47
-
PB10
I/O
FT
PB10
I2C2_SCL/
USART3_TX (8)
TIM2_CH3
22
30
48
-
PB11
I/O
FT
PB11
I2C2_SDA/
USART3_RX (8)
TIM2_CH4
23
31
49
18
VSS_1
SVSS_1
24
32
50
19
VDD_1
SVDD_1
25
33
51
-
PB12
I/O
FT
PB12
SPI2_NSS / I2C2_SMBA /
USART3_CK (8)
26
34
52
-
PB13
I/O
FT
PB13
SPI2_SCK/
USART3_CTS(8)
27
35
53
-
PB14
I/O
FT
PB14
SPI2_MISO/
USART3_RTS(8)
28
36
54
-
PB15
I/O
FT
PB15
SPI2_MOSI
Table 4.
Medium-density STM32F101xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85