| 전자부품 데이터시트 검색엔진 |
|
M24M01-RMW6P/A 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-RMW6P/A 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 37 page ![]() Part numbering M24M01-R, M24M01-W, M24M01-HR 34/37 Doc ID 12943 Rev 7 Table 21. Available M24M01-x products (package, voltage range, frequency, temperature grade) Package M24M01-HR 1.8 V to 5.5 V at 1 MHz M24M01-R 1.8 V to 5.5 V at 400 kHz M24M01-W 2.5 V to 5.5 V at 400 kHz SO8N (MN) Range 6 Range 6 Range 3 SO8W (MW) - Range 6 - Wafer - Range 6 - WLCSP (CS) - Range 6 - |