| 전자부품 데이터시트 검색엔진 |
|
M24M01-RMW6TG/A 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M01-RMW6TG/A 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 37 page ![]() DC and AC parameters M24M01-R, M24M01-W, M24M01-HR 22/37 Doc ID 12943 Rev 7 Table 11. DC characteristics (M24M01-R and M24M01-HR) Symbol Parameter Test condition (in addition to those in Table 7) Min. Max. Unit ILI Input leakage current (E1, E2, SCL, SDA) VIN = VSS or VCC device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current (Read) VCC = 1.8 V, fc= 400 kHz (rise/fall time < 50 ns) 0.8 mA VCC = 2.5 V, fc= 400 kHz (rise/fall time < 50 ns) 1mA VCC = 5.5 V, fc= 400 kHz (rise/fall time < 50 ns) 2mA 1.8 V < VCC < 5.5 V, fc= 1 MHz (rise/fall time < 50 ns) 2.5 mA ICC0 (1) 1. Characterized value, not tested in production. Supply current (Write) During tW, 1.8V < VCC < 5.5V 5 mA ICC1 Standby supply current Device not selected(2), VIN = VSS or VCC, VCC = 1.8 V 2. The device is not selected after a power-up, a Read instruction (after the Stop condition), or after the completion of an internal write cycle tW (tW is triggered by the correct decoding of a Write instruction). 1µA Device not selected(2), VIN = VSS or VCC, VCC = 2.5 V 2µA Device not selected(2), VIN = VSS or VCC, VCC = 5.5 V 3µA VIL Input low voltage (SCL, SDA, WC) 1.8 V ≤ V CC < 2.5 V –0.45 0.25 VCC V 2.5 V ≤ V CC ≤ 5.5 V –0.45 0.3 VCC VIH Input high voltage (SCL, SDA, WC) 1.8 V ≤ V CC < 2.5 V 0.75VCC VCC+1 V 2.5 V ≤ V CC ≤ 5.5 V 0.7VCC VCC+1 VOL Output low voltage IOL = 1.0 mA, VCC = 1.8 V 0.2 V IOL = 2.1 mA, VCC = 2.5 V 0.4 V IOL = 3.0 mA, VCC = 5.5 V 0.4 V |