| 전자부품 데이터시트 검색엔진 |
|
R26 데이터시트(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R26 데이터시트(HTML) 72 Page - Renesas Technology Corp |
|
72 / 487 page ![]() R8C/26 Group, R8C/27 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 53 of 453 REJ09B0278-0210 7.2 Effect on Peripheral Functions Programmable I/O ports function as I/O ports for peripheral functions (refer to Table 1.6 Pin Name Information by Pin Number). Table 7.3 lists the Setting of PDi_j Bit when Functioning as I/O Ports for Peripheral Functions (i = 0, 1, 3 to 5, j = 0 to 7). Refer to the description of each function for information on how to set peripheral functions. 7.3 Pins Other than Programmable I/O Ports Figure 7.7 shows the Configuration of I/O Pins. Table 7.3 Setting of PDi_j Bit when Functioning as I/O Ports for Peripheral Functions (i = 0, 1, 3 to 5, j = 0 to 7) I/O of Peripheral Functions PDi_j Bit Settings for Shared Pin Functions Input Set this bit to 0 (input mode). Output This bit can be set to either 0 or 1 (output regardless of the port setting) |