전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST715MR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 ST715MR
상세설명  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715MR 데이터시트(HTML) 1 Page - STMicroelectronics

  ST715MR Datasheet HTML 1Page - STMicroelectronics ST715MR Datasheet HTML 2Page - STMicroelectronics ST715MR Datasheet HTML 3Page - STMicroelectronics ST715MR Datasheet HTML 4Page - STMicroelectronics ST715MR Datasheet HTML 5Page - STMicroelectronics ST715MR Datasheet HTML 6Page - STMicroelectronics ST715MR Datasheet HTML 7Page - STMicroelectronics ST715MR Datasheet HTML 8Page - STMicroelectronics ST715MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
June 2010
Doc ID 14414 Rev 7
1/19
19
ST715XX
ST715XX25, ST715XX33
High input voltage - 85 mA LDO linear regulator
Features
■ 2.5 V to 24 V input voltage
■ Low dropout voltage (500 mV typ. at 85 mA)
■ Very low quiescent current (3.8 µA typ. at full
load)
■ 85 mA guaranteed output current
■ Output voltage: fixed or adjustable
■ Compatible with ceramic output capacitors
from 0.47 µF to 10 µF
■ Internal current limit
■ Package DFN8 (3 x 3 mm), SOT23-5L
■ Temperature range: -40 °C to 125 °C
Applications
■ Mobile phones
■ Personal digital assistant (PDAs)
■ Cordless phones and similar battery powered
systems
Description
The ST715xx is a high voltage, ultra low
quiescent low drop linear regulator capable of
providing an output current in excess of 85 mA.
The device operates over an input voltage range
spanning from 2.5 V to 24 V, and is also stable
with output ceramic capacitors. Fault condition
protection includes short-circuit current limitation.
The ultra low quiescent current of 3.8 µA at full
load makes it highly suitable for low power
applications and battery powered systems. The
wide input voltage range makes the ST715xx an
ideal solution for low power industrial applications
also. The ST715xx is available in the DFN8 (3 x 3
mm) 8 leads or the SOT23-5.
DFN8 (3 x 3 mm)
SOT23-5L
Table 1.
Device summary
Order codes
Output voltage
SOT23-5L
Marking
DFN8 (3 x 3 mm)
Marking
ST715MR
71AD
ST715PUR
715AD
ADJ
ST715M15R (1)
7115
ST715PU15R (1)
71515
1.5 V
ST715M18R (1)
7118
ST715PU18R (1)
71518
1.8 V
ST715M25R
7125
ST715PU25R
71525
2.5 V
ST715M28R (1)
7128
ST715PU28R (1)
71528
2.8 V
ST715M33R
7133
ST715PU33R
71533
3.3 V
1.
Available on request.
www.st.com


유사한 부품 번호 - ST715MR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST715MR STMICROELECTRONICS-ST715MR Datasheet
510Kb / 24P
High input voltage, 85 mA LDO linear regulator
21-May-2014
ST715MR STMICROELECTRONICS-ST715MR Datasheet
604Kb / 24P
High input voltage, 85 mA LDO linear regulator
12-Oct-2020
More results

유사한 설명 - ST715MR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
High input voltage, 85 mA LDO linear regulator
21-May-2014
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
STMicroelectronics
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
500 mA LDO Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
High input voltage, 85 mA LDO linear regulator
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19