전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6389 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 TLE6389
상세설명  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 4Page - Infineon Technologies AG TLE6389 Datasheet HTML 5Page - Infineon Technologies AG TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG TLE6389 Datasheet HTML 10Page - Infineon Technologies AG TLE6389 Datasheet HTML 11Page - Infineon Technologies AG TLE6389 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
8
2007-08-13
Note: Stresses above the ones listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault
conditions described in the data sheet. Fault conditions are considered as
“outside” normal operating range. Protection functions are not designed for
continuous repetitive operation.
Temperatures
2.33
Junction temperature
Tj
-40
150
°C
–
2.34
Storage temperature
Tstg
-50
150
°C
–
1)
ESD susceptibility HBM according to EIA/JESD 22-A 114B.
2)
ESD susceptibility CDM according to JESD 22-C101.
2
Absolute Maximum Ratings (cont’d)
Item
Parameter
Symbol Limit Values Unit
Remarks
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38