전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IR3523MPBF 데이터시트(PDF) 33 Page - International Rectifier

부품명 IR3523MPBF
상세설명  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IR3523MPBF 데이터시트(HTML) 33 Page - International Rectifier

Back Button IR3523MPBF Datasheet HTML 29Page - International Rectifier IR3523MPBF Datasheet HTML 30Page - International Rectifier IR3523MPBF Datasheet HTML 31Page - International Rectifier IR3523MPBF Datasheet HTML 32Page - International Rectifier IR3523MPBF Datasheet HTML 33Page - International Rectifier IR3523MPBF Datasheet HTML 34Page - International Rectifier IR3523MPBF Datasheet HTML 35Page - International Rectifier IR3523MPBF Datasheet HTML 36Page - International Rectifier IR3523MPBF Datasheet HTML 37Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
IR3523
Page 33 of 37
June 20, 2008
LAYOUT GUIDELINES
The following layout guidelines are recommended to reduce the parasitic inductance and resistance of the PCB
layout, therefore minimizing the noise coupled to the IC.
•
Dedicate at least one middle layer for a ground plane LGND.
•
Connect the ground tab under the control IC to LGND plane through a via.
•
Place VCCL decoupling capacitor VCCL as close as possible to VCCL and LGND pins.
•
Place the following critical components on the same layer as control IC and position them as close as possible
to the respective pins, ROSC, ROCSET, RVDAC, CVDAC, and CSS/DEL. Avoid using any via for the connection.
•
Place the compensation components on the same layer as control IC and position them as close as possible to
EAOUT, FB, VO and VDRP pins. Avoid using any via for the connection.
•
Use Kelvin connections for the remote voltage sense signals, VOSNS+ and VOSNS-, and avoid crossing over
the fast transition nodes, i.e. switching nodes, gate drive signals and bootstrap nodes.
•
Avoid analog control bus signals, VDAC, IIN, and especially EAOUT, crossing over the fast transition nodes.
•
Separate digital bus, CLKOUT, PHSOUT and PHSIN from the analog control bus and other compensation
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37