전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPT08Q08-CEA 데이터시트(PDF) 2 Page - IP SEMICONDUCTOR CO., LTD.

부품명 IPT08Q08-CEA
상세설명  High current density due to double mesa technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IPS [IP SEMICONDUCTOR CO., LTD.]
홈페이지  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPT08Q08-CEA 데이터시트(HTML) 2 Page - IP SEMICONDUCTOR CO., LTD.

  IPT08Q08-CEA Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPT08Q08-CEA Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPT08Q08-CEA Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPT08Q08-CEA Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS(Tj = 25 ℃ unless otherwise specified)
2
STATIC CHARACTERISTICS
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth (j
– c)
Junction to case (AC)
2.5
℃/W
Symbol
Test Conditions
Value(MAX)
Unit
VTM
ITM = 17A, t p = 380uS
Tj = 125 ℃
1.55
V
IDRM
VD = VDRM
Tj = 125 ℃
5
uA
IRRM
VR = VRRM
Tj = 125 ℃
1
mA
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
TEL : +82-70 - 7574 - 2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com
IPT08Q08-xxA
Symbol
Test Condition
Quadrant
IPT08Q08-xxA
Unit
CE
BE
IGT
VD = 12V RL = 30
I
– II – III
IV
MAX
25
50
50
100
mA
VGT
ALL
MAX
1.3
V
VGD
VD=VDRM, RL=3.3K
Ω,
Tj = 125 ℃
ALL
MIN
0.2
V
IL
IG = 1.2 IGT
I
– III – IV
MAX
40
50
mA
II
80
100
IH
IT = 100mA
MAX
25
50
mA
dV/dt
VD = 67% VDRM gate open Tj = 125 ℃
MIN
200
400
V/us



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com