전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4729G 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 TLE4729G
상세설명  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G 데이터시트(HTML) 3 Page - Infineon Technologies AG

  TLE4729G Datasheet HTML 1Page - Infineon Technologies AG TLE4729G Datasheet HTML 2Page - Infineon Technologies AG TLE4729G Datasheet HTML 3Page - Infineon Technologies AG TLE4729G Datasheet HTML 4Page - Infineon Technologies AG TLE4729G Datasheet HTML 5Page - Infineon Technologies AG TLE4729G Datasheet HTML 6Page - Infineon Technologies AG TLE4729G Datasheet HTML 7Page - Infineon Technologies AG TLE4729G Datasheet HTML 8Page - Infineon Technologies AG TLE4729G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Pin Definitions and Functions
Pin
Function
1, 2, 23, 24
Digital control inputs IX0, IX1 for the magnitude of the current of the
particular phase.
Iset = 450 mA with Rsense = 1 Ω
I
X1 IX0
Phase Current
Example of Motor Status
L
L
0
No current1)
L
H
0.155
× I
set
Hold
H
L
Iset
Normal mode
H
H
1.55
× I
set
Accelerate
1) “No current” in both bridges inhibits the circuit and current consumption will sink below
50
µA (inhibit-mode)
3
Input phase 1; controls the current through phase winding 1.
On H-potential the phase current flows from Q11 to Q12, on L-potential
in the reverse direction.
5 … 8,
17 … 20
Ground; all pins are connected at leadframe internally.
4
Oscillator; works at approx. 25 kHz if this pin is wired to ground across
2.2 nF.
10
Resistor
R1 for sensing the current in phase 1.
9, 12
Push-pull outputs Q11, Q12 for phase 1 with integrated free-wheeling
diodes.
11
Supply voltage; block to ground, as close as possible to the IC, with a
stable electrolytic capacitor of at least 47
µF in parallel with a ceramic
capacitor of 100 nF.
14
Error 2 output; signals with “low” the errors: short circuit to ground of
one or more outputs or over-temperature.
13, 16
Push-pull outputs Q22, Q21 for phase 2 with integrated free-wheeling
diodes.
15
Resistor
R2 for sensing the current in phase 2.
21
Error 1 output; signals with “low” the errors: open load or short circuit to
+
VS of one or more outputs or short circuit of the load or over-
temperature.
22
Input phase 2; controls the current flow through phase winding 2. On
H-potential the phase current flows from Q21 to Q22, on L-potential in
the reverse direction.
TLE 4729 G
Data Sheet
3
V1.2, 2008-03-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29