전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRPLDIM5E 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRPLDIM5E
상세설명  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E 데이터시트(HTML) 5 Page - International Rectifier

  IRPLDIM5E Datasheet HTML 1Page - International Rectifier IRPLDIM5E Datasheet HTML 2Page - International Rectifier IRPLDIM5E Datasheet HTML 3Page - International Rectifier IRPLDIM5E Datasheet HTML 4Page - International Rectifier IRPLDIM5E Datasheet HTML 5Page - International Rectifier IRPLDIM5E Datasheet HTML 6Page - International Rectifier IRPLDIM5E Datasheet HTML 7Page - International Rectifier IRPLDIM5E Datasheet HTML 8Page - International Rectifier IRPLDIM5E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.irf.com
- 5 -
RD0802
setting before shutting down when power is switched off, therefore allowing the ballast
start up at that same setting when power is restored, no matter how long the ballast has
been off. For the micro controller code, please refer to the CD that comes with the
reference design kit. There are of course several alternative low cost micro controllers that
could be used equally well to realize this kind of ballast and that contain the same
functionality.
Figure 4.1 shows the microcontroller PWM outputs for all 4 dimming level.
Maximum Dim Level
Intermediate Dim Level 1
Intermediate Dim Level 2
Minimum Dim Level
Figure 4.1: Microcontroller PWM Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17