전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IPT0806-SEI 데이터시트(PDF) 3 Page - IP SEMICONDUCTOR CO., LTD.

부품명 IPT0806-SEI
상세설명  High current density due to double mesa technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IPS [IP SEMICONDUCTOR CO., LTD.]
홈페이지  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPT0806-SEI 데이터시트(HTML) 3 Page - IP SEMICONDUCTOR CO., LTD.

  IPT0806-SEI Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPT0806-SEI Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPT0806-SEI Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPT0806-SEI Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE MECHANICAL DATA
TO-251(IPAK)
3
Ref
Dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
2.2
2.4
0.086
0.095
A2
0.9
1.1
0.035
0.043
B
0.55
0.65
0.021
0.026
B2
5.1
5.4
0.200
0.212
B3
0.76
0.85
0.030
0.033
B4
0.32
0.013
C
0.45
0.62
0.017
0.024
C2
0.48
0.62
0.019
0.024
D
6
6.2
0.236
0.244
E
6.4
6.7
0.252
0.264
G
4.4
4.7
0.173
0.185
H
16
16.7
0.630
0.658
L
8.9
9.4
0.35
0.37
L1
1.8
1.9
0.071
0.075
L2
1.37
1.5
0.054
0.059
V1
4º
4º
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com
IPT0806-xxI



Html Pages

1 2 3 4