| 전자부품 데이터시트 검색엔진 |
|
TLE4275D 데이터시트(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4275D 데이터시트(HTML) 13 Page - Infineon Technologies AG |
|
13 / 17 page ![]() TLE 4275 Data Sheet 13 Rev. 1.7, 2007-02-19 Figure 6 PG-TO252-5-11 (Plastic Transistor Single Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 1) Includes mold flashes on each side. 4.56 0.25 M A 6.5 5.7 MAX. per side 0.15 MAX. A 1.14 5 x 0.6 ±0.1 +0.15 -0.05 0.1 B -0.04 +0.08 0...0.15 0.5 B 2.3 -0.10 0.5 +0.05 -0.04 +0.08 (5) -0.01 0.9 +0.20 B 1) All metal surfaces tin plated, except area of cut. GPT09527 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |