전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68331MFC16 데이터시트(PDF) 16 Page - Motorola, Inc

부품명 MC68331MFC16
상세설명  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC16 데이터시트(HTML) 16 Page - Motorola, Inc

Back Button MC68331MFC16 Datasheet HTML 12Page - Motorola, Inc MC68331MFC16 Datasheet HTML 13Page - Motorola, Inc MC68331MFC16 Datasheet HTML 14Page - Motorola, Inc MC68331MFC16 Datasheet HTML 15Page - Motorola, Inc MC68331MFC16 Datasheet HTML 16Page - Motorola, Inc MC68331MFC16 Datasheet HTML 17Page - Motorola, Inc MC68331MFC16 Datasheet HTML 18Page - Motorola, Inc MC68331MFC16 Datasheet HTML 19Page - Motorola, Inc MC68331MFC16 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
16
MC68331TS/D
Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR.
3.2 System Configuration and Protection
This functional block provides configuration control for the entire MCU. It also performs interrupt arbi-
tration, bus monitoring, and system test functions. MCU system protection includes a bus monitor, a
HALT monitor, a spurious interrupt monitor, and a software watchdog timer. These functions have been
made integral to the microcontroller to reduce the number of external components in a complete control
system.
S
$YFFA5E
CHIP-SELECT OPTION 4 (CSOR4)
S
$YFFA60
CHIP-SELECT BASE 5 (CSBAR5)
S
$YFFA62
CHIP-SELECT OPTION 5 (CSOR5)
S
$YFFA64
CHIP-SELECT BASE 6 (CSBAR6)
S
$YFFA66
CHIP-SELECT OPTION 6 (CSOR6)
S
$YFFA68
CHIP-SELECT BASE 7 (CSBAR7)
S
$YFFA6A
CHIP-SELECT OPTION 7 (CSOR7)
S
$YFFA6C
CHIP-SELECT BASE 8 (CSBAR8)
S
$YFFA6E
CHIP-SELECT OPTION 8 (CSOR8)
S
$YFFA70
CHIP-SELECT BASE 9 (CSBAR9)
S
$YFFA72
CHIP-SELECT OPTION 9 (CSOR9)
S
$YFFA74
CHIP-SELECT BASE 10 (CSBAR10)
S
$YFFA76
CHIP-SELECT OPTION 10 (CSOR10)
$YFFA78
NOT USED
NOT USED
$YFFA7A
NOT USED
NOT USED
$YFFA7C
NOT USED
NOT USED
$YFFA7E
NOT USED
NOT USED
Table 7 SIM Address Map (Continued)
Access
Address
15
8 7
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84