전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC22950 데이터시트(PDF) 21 Page - Micrel Semiconductor

부품명 MIC22950
상세설명  10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22950 데이터시트(HTML) 21 Page - Micrel Semiconductor

Back Button MIC22950 Datasheet HTML 14Page - Micrel Semiconductor MIC22950 Datasheet HTML 15Page - Micrel Semiconductor MIC22950 Datasheet HTML 16Page - Micrel Semiconductor MIC22950 Datasheet HTML 17Page - Micrel Semiconductor MIC22950 Datasheet HTML 18Page - Micrel Semiconductor MIC22950 Datasheet HTML 19Page - Micrel Semiconductor MIC22950 Datasheet HTML 20Page - Micrel Semiconductor MIC22950 Datasheet HTML 21Page - Micrel Semiconductor MIC22950 Datasheet HTML 22Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
21
M9999-021910-B
Package Information
32-Pin 5mm x 5mm MLF
® (ML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com