전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMM5062 데이터시트(PDF) 12 Page - Freescale Semiconductor, Inc

부품명 MMM5062
상세설명  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 데이터시트(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
12
M9999-021910-B
The tradeoff between changing these values is that with
a larger inductor, there is a reduced peak-to-peak
current which yields a greater efficiency at lighter loads.
A larger output capacitor will improve transient response
by providing a larger hold up reservoir of energy to the
output.
The integration of one pole-zero pair within the control
loop greatly simplifies compensation. The optimum
values for CCOMP (in series with a 1k resistor) are shown
below:
C
L
10-22µF
47-100µF
120-470µF
0.39 - 0.47µH
NA
10*-20pF
†
25-47pF
0.56 – 1.0µH
10
‡-15pF*
22
†-39pF
56-100pF
1.2 – 2.2µH
10-22pF
22-68pF
NA
† VOUT > 1V; * VOUT > 1.4V; ‡ VOUT > 1.8V
Feedback
The MIC22950 provides a feedback pin to adjust the
output voltage to the desired level. This pin connects
internally to an error amplifier. The error amplifier then
compares the voltage at the feedback to the internal
0.7V reference voltage and adjusts the output voltage to
maintain regulation. To calculate the resistor divider
network for the desired output is as follows:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
V
V
R1
R2
REF
OUT
Where VREF is 0.7V and VOUT is the desired output
voltage. A 10kΩ or lower resistor value from the output
to the feedback is recommended since large feedback
resistor values increase the impedance at the feedback
pin, making the feedback node more susceptible to
noise pick-up. A small decoupling capacitor (22pF –
100pF) across the lower resistor can reduce noise pick-
up by providing a low impedance path to ground.
PWM Operation
The
MIC22950
is
a
voltage-mode,
pulse-width
modulation (PWM) controller. By controlling the ratio of
on-to-off time, or duty cycle, a regulated DC output
voltage is achieved. As load or supply voltage changes,
so does the duty cycle to maintain a constant output
voltage. In cases where the input supply runs into a
dropout condition, the MIC22950 will run at 100% duty
cycle.
The MIC22950 provides switching frequency at 400kHz
to 2MHz with synchronous internal MOSFETs. The
internal MOSFETs include a high-side 11m
Ω P-Channel
MOSFET from the input supply to the switch pin and an
8m
Ω N-Channel MOSFET from the switch pin-to-ground.
Since the low-side N-Channel MOSFET provides the
current during the off cycle, a freewheeling Schottky
diode from the switch node-to-ground is not required.
PWM control provides fixed-frequency operation. By
maintaining a constant switching frequency, predictable
fundamental and harmonic frequencies are achieved.
Other methods of regulation, such as burst and skip
modes, have frequency spectrums that change with load
that
can
interfere
with
sensitive
communication
equipment.
CF Pin
Each switching cycle begins immediately following the
discharge of the CF pin capacitor. From this point, a
current source of 200µA flows from CF pin into the
external capacitor connected to the CF pin. This creates
a linear voltage ramp rising towards a threshold voltage
of 1V. When this capacitor reaches the 1V threshold, it
triggers the end of the switching cycle by discharging CF
pin to ground via an internal N-Channel; at which point,
the next cycle begins. The actual switching frequency
can be approximated by using the following equation
which accounts for internal delays and capacitance:
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
+
=
CF
PIN
CF
RAMP
DELAY
SW
I
C
C
V
T
1
F
Where:
FSW = Switching Frequency
TDELAY = CF pin Discharge time ~ 85ns
VRAMP = Voltage ramp amplitude ~ 0.9V
CCF = External CF capacitor = 68pF to 560pF
CPIN = Internal Pin capacitance ~ 15pF
ICF = CF current source = 200µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com