전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8572CPXARLD 데이터시트(PDF) 31 Page - Freescale Semiconductor, Inc

부품명 MPC8572CPXARLD
상세설명  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8572CPXARLD 데이터시트(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8572CPXARLD Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8572CPXARLD Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
31
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 7 and Figure 8 show the FIFO timing diagrams.
Figure 7. FIFO Transmit AC Timing Diagram
Rise time TX_CLK (20%–80%)
tFITR
—
—
0.75
ns
Fall time TX_CLK (80%–20%)
tFITF
—
—
0.75
ns
FIFO data TXD[7:0], TX_ER, TX_EN setup time to GTX_CLK
tFITDV
2.0
—
—
ns
GTX_CLK to FIFO data TXD[7:0], TX_ER, TX_EN hold time
tFITDX
0.5
—
3.0
ns
Notes:
1. The minimum cycle period (or maximum frequency) of the TX_CLK is dependent on the maximum platform frequency of the
speed bins the part belongs to as well as the FIFO mode under operation. Refer to Section 4.5, “Platform to eTSEC FIFO
Restrictions,” for more detailed description.
Table 25. FIFO Mode Receive AC Timing Specification
At recommended operating conditions with LVDD/TVDD of 2.5V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
RX_CLK clock period1
tFIR
5.3
8.0
100
ns
RX_CLK duty cycle
tFIRH/tFIR
45
50
55
%
RX_CLK peak-to-peak jitter
tFIRJ
—
—
250
ps
Rise time RX_CLK (20%–80%)
tFIRR
—
—
0.75
ns
Fall time RX_CLK (80%–20%)
tFIRF
—
—
0.75
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tFIRDV
1.5
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tFIRDX
0.5
—
—
ns
1. The minimum cycle period (or maximum frequency) of the RX_CLK is dependent on the maximum platform frequency of the
speed bins the part belongs to as well as the FIFO mode under operation. Refer to Section 4.5, “Platform to eTSEC FIFO
Restrictions,” for more detailed description.
Table 24. FIFO Mode Transmit AC Timing Specification (continued)
At recommended operating conditions with LVDD/TVDD of 2.5V ± 5%
Parameter/Condition
Symbol
Min
Typ
Max
Unit
tFIT
tFITH
tFITF
tFITDX
TXD[7:0]
TX_EN
GTX_CLK
TX_ER
tFITDV
tFITR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com