전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2008149-1 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 2008149-1
상세설명  LIGHT-N-LOK Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2008149-1 데이터시트(HTML) 2 Page - Tyco Electronics

  2008149-1 Datasheet HTML 1Page - Tyco Electronics 2008149-1 Datasheet HTML 2Page - Tyco Electronics 2008149-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
408-10154
LIGHT-N-LOK Connectors
Rev A
2 of 3
Tyco Electronics Corporation
Figure 3
Wires Bottomed
in Connector
Assembly
3. Pull the wire down through the slot in the
strain– relief. See Figure 4.
Figure 4
4. Rotate the wire 90
°. See Figure 5.
Figure 5
5. Dress the wire 180
° to complete the process.
See Figure 6.
Figure 6
Wires Dressed
in Slots at 180°
6. Apply optional approved flammability rated tape
or clamp to organize the wires. See Figure 7.
Figure 7
Optional Tape or
Clamp May Be
Applied
4. CONNECTOR MATING
Align the polarized mating faces of the connectors,
and push the connectors together. DO NOT force the
connectors to mate. When fully mated, the
connectors must appear bottomed with each other
and flush at the point of engagement. An audible and
tactile “click” will be heard and felt. See Figure 8.



Html Pages

1 2 3