| 전자부품 데이터시트 검색엔진 |
|
CSR13B554JC 데이터시트(PDF) 8 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR13B554JC 데이터시트(HTML) 8 Page - Kemet Corporation |
|
8 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125° (Cont’d) 0.068 A 5,10,20 T110A683(1)035AS 0.1 3 0.082 A 5,10,20 T110A823(1)035AS 0.1 3 0.1 A 5,10,20 T110A104(1)035AS 0.5 3 0.12 A 5,10,20 T110A124(1)035AS 0.5 3 0.15 A 5,10,20 T110A154(1)035AS 0.5 3 0.18 A 5,10,20 T110A184(1)035AS 0.5 3 0.22 A 5,10,20 T110A224(1)035AS 0.5 3 0.27 A 5,10,20 T110A274(1)035AS 0.5 3 0.33 A 5,10,20 T110A334(1)035AS 0.5 3 0.39 A 5,10,20 T110A394(1)035AS 0.5 3 0.47 A 5,10,20 T110A474(1)035AS 0.5 3 0.56 A 5,10,20 T110A564(1)035AS 0.5 3 0.68 A 5,10,20 T110A684(1)035AS 0.5 3 0.82 A 5,10,20 T110A824(1)035AS 0.5 3 1.0 A 5,10,20 T110A105(1)035AS 0.5 3 1.2 B 5,10,20 T110B125(1)035AS 0.5 4 1.5 B 5,10,20 T110B155(1)035AS 0.5 4 1.8 B 5,10,20 T110B185(1)035AS 0.5 4 2.2 B 5,10,20 T110B225(1)035AS 1.0 4 2.7 B 5,10,20 T110B275(1)035AS 1.0 4 3.3 B 5,10,20 T110B335(1)035AS 1.0 4 3.9 B 5,10,20 T110B395(1)035AS 1.0 4 4.7 B 5,10,20 T110B475(1)035AS 1.0 4 5.6 B 5 T110B565J035AS 1.0 4 5043 5243 5443 5643 6105 7105 8105 T212B565J035(2)S 5.6 B 10 T110B565K035AS 1.0 4 2303 2543 2783 3023 6106 7106 8106 T212B565K035(2)S 5.6 B 20 T110B565M035AS 1.0 4 6.8 B 5 T110B685J035AS 1.5 4 5044 5244 5444 5644 6107 7107 8107 T212B685J035(2)S 6.8 B 10 T110B685K035AS 1.5 4 2304 2544 2784 3024 6108 7108 8108 T212B685K035(2)S 6.8 B 20 T110B685M035AS 1.5 4 2305 2545 2785 3025 6109 7109 8109 T212B685M035(2)S 8.2 C 5,10,20 T110C825(1)035AS 3.0 4 10.0 C 5,10,20 T110C106(1)035AS 3.0 4 12.0 C 5,10,20 T110C126(1)035AS 3.0 4 15.0 C 5,10,20 T110C156(1)035AS 3.0 4 18.0 C 5,10,20 T110C186(1)035AS 3.0 4 22.0 C 5 T110C226J035AS 4.0 4 5045 5245 5445 5645 6110 7110 8110 T212C226J035(2)S 22.0 C 10 T110C226K035AS 4.0 4 2306 2546 2786 3026 6111 7111 8111 T212C226K035(2)S 22.0 C 20 T110C226M035AS 4.0 4 2307 2547 2787 3027 6112 7112 8112 T212C226M035(2)S 27.0 D 5 T110D276J035AS 4.5 4 5046 5246 5446 5646 6113 7113 8113 T212D276J035(2)S 27.0 D 10 T110D276K035AS 4.5 4 2308 2548 2788 3028 6114 7114 8114 T212D276K035(2)S 27.0 D 20 T110D276M035AS 4.5 4 33.0 D 5 T110D336J035AS 5.5 4 5047 5247 5447 5647 6115 7115 8115 T212D336J035(2)S 33.0 D 10 T110D336K035AS 5.5 4 2309 2549 2789 3029 6116 7116 8116 T212D336K035(2)S 33.0 D 20 T110D336M035AS 5.5 4 2310 2550 2790 3030 6117 7117 8117 T212D336M035(2)S 39.0 D 5 T110D396J035AS 6.0 4 5048 5248 5448 5648 6118 7118 8118 T212D396J035(2)S 39.0 D 10 T110D396K035AS 6.0 4 2311 2551 2791 3031 6119 7119 8119 T212D396K035(2)S 39.0 D 20 T110D396M035AS 6.0 4 47.0 D 5 T110D476J035AS 8.0 4 5049 5249 5449 5649 6120 7120 8120 T212D476J035(2)S 47.0 D 10 T110D476K035AS 8.0 4 2312 2552 2792 3032 6121 7121 8121 T212D476K035(2)S 47.0 D 20 T110D476M035AS 8.0 4 2313 2553 2793 3033 6122 7122 8122 T212D476M035(2)S 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125° 0.0047 A 5 T110A472J050AS 0.1 2 5050 5250 5450 5650 6123 7123 8123 T212A472J050(2)S 0.0047 A 10 T110A472K050AS 0.1 2 2314 2554 2794 3034 6124 7124 8124 T212A472K050(2)S 0.0047 A 20 T110A472M050AS 0.1 2 2315 2555 2795 3035 6125 7125 8125 T212A472M050(2)S 0.0056 A 5 T110A562J050AS 0.1 2 5051 5251 5451 5651 6126 7126 8126 T212A562J050(2)S 0.0056 A 10 T110A562K050AS 0.1 2 2316 2556 2796 3036 6127 7127 8127 T212A562K050(2)S 0.0056 A 20 T110A562M050AS 0.1 2 0.0068 A 5 T110A682J050AS 0.1 2 5052 5252 5452 5652 6128 7128 8128 T212A682J050(2)S 0.0068 A 10 T110A682K050AS 0.1 2 2317 2557 2797 3037 6129 7129 8129 T212A682K050(2)S 0.0068 A 20 T110A682M050AS 0.1 2 2318 2558 2798 3038 6130 7130 8130 T212A682M050(2)S TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 11 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |