전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8379E 데이터시트(PDF) 95 Page - Freescale Semiconductor, Inc

부품명 MPC8379E
상세설명  PowerQUICC II Pro Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379E 데이터시트(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8379E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
MPC8379E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
95
Package and Pin Listings
SRESET_B
AD12
I/O
OVDD
2
HRESET_B
AE12
I/O
OVDD
1
PORESET_B
AE14
I
OVDD
—
Test Interface
TEST
E10
I
OVDD
10
TEST_SEL0
D10
I
OVDD
14
TEST_SEL1
D12
I
—
13
Thermal Management
Reserved
F15
I
—
15
Power Supply Signals
LVDD1
AC21, AG21, AH23
Power for
eTSEC 1 I/O
(2.5 V, 3.3 V)
LVDD1
—
LVDD2
AG24, AH27, AH29
Power for
eTSEC 2 I/O
(2.5 V, 3.3 V)
LVDD2
—
LBVDD
G20, D22, A24, G26, D27, A28
Power for eLBC
(3.3, 2.5, or
1.8 V)
LBVDD
—
VDD
K10, L10, M10, N10, P10, R10, T10, U10,
V10, W10, Y10, K11, R11, Y11, K12, Y12,
K13, Y13, K14, Y14, K15, L15, W15, Y15,
K16, Y16, K17, Y17, K18, Y18, K19, R19,
Y19, K20, L20, M20, N20, P20, R20, T20,
U20, V20, W20, Y20
Power for Core
(1.0 V or 1.5 V)
VDD
—
GND
(VSS)
A1, AJ1, H2, N2, AA2, AD2, D3, R3, AF3, A4,
F4, J4, L4, V4, Y4, AB4, B5, E5, P5, AH5, K6,
T6, AA6, AD6, AG6, F7, J7, Y7, AJ7, B8,
AE8, AG8, G9, AC9,B11, D11, F11, L11,
M11, N11, P11, T11, U11, V11, W11, L12,
M12, N12, P12, R12, T12, U12, V12, W12,
E12, E13, L13, M13, N13, P13, R13, T13,
U13, V13, W13, AE13, AJ13, F14, L14, M14,
N14, P14, R14, T14, U14, V14, W14, M15,
N15, P15, R15, T15, U15, V15, L16, M16,
N16, P16, R16, T16, U16, V16, W16, L17,
M17, N17, P17, R17, T17, U17, V17, W17,
L18, M18, N18, P18, R18, T18, U18, V18,
W18, L19, M19, N19, P19, T19, U19, V19,
W19, AC20, G21, AF21, C22, J23, AA23,
AJ23, B24, W24, AF24, K25, R25, AD25,
D26, G27, M27, T27, Y27, AB27, AG27, A29,
AJ29
——
—
Table 69. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com