| 전자부품 데이터시트 검색엔진 |
|
TLE4471 데이터시트(PDF) 7 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4471 데이터시트(HTML) 7 Page - Infineon Technologies AG |
|
7 / 24 page ![]() TLE 4471 Data Sheet 7 Rev. 1.6, 2009-02-03 Note: In the operating range, the functions given in the circuit description are fulfilled. Table 3 Operating Range Parameter Symbol Limit Values Unit Notes Min. Max. Input voltage V I 5.5 40 V – Junction temperature T j -40 150 °C– Shutdown voltage threshold V shut –44 V – |