| 전자부품 데이터시트 검색엔진 |
|
CSR13B565KM 데이터시트(PDF) 21 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR13B565KM 데이터시트(HTML) 21 Page - Kemet Corporation |
|
21 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T222 SERIES — POLAR MINIATURE (CSR09) 24 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 KEMET ultra-miniature T222 Series solid tantalum capacitors are designed especially for miniaturization. The T222 Series capacitors employ a unique glass-to-metal com- pression end seal which has no protruding eyelet. This flush end seal construction makes T222 Series capacitors ideally suited for all miniature high density packaging applications. The capacitors con- sist of a dry porous tantalum pellet hermetically sealed in a solder coated metal case with solder coated alloy 52 and solder coated nickel leads. The T222 series is approved to MIL-PRF-39003/2, all ratings and failure rates. CAPACITOR OUTLINE DRAWINGS DIMENSIONS — INCHES & (MILLIMETERS) UNINSULATED INSULATED D B CASE ±0.005 WIRE SIZE (±.13) L D L DIAMETER A .085 (2.16) .245 + .015 (6.22 + .38) .090 ± .009 (2.29 ± .23) .250 + .031 (6.35 + .79) .016 + .005 (.41 + .13) - .010 (-.25) - .015 (-.38) - .001 (-.03) B .127 (3.23) .375 ± .015 (.53 ± .38) .138 ± .010 (3.51 ± .25) .390 ± .015 (9.91 ± .38) .016 + .005 (.41 + .13) -.001 (-.03) ORDERING INFORMATION T 222 A 225 K 010 B S C* TANTALUM SERIES (CSR09) CASE SIZE A/ B PICOFARAD CODE First two digits represent significant figures. 3rd digit specifies no. of zeros to follow. CAPACITANCE TOLERANCE M — ±20 K — ±10 J — ±5 VOLTAGE at 85°C FAILURE RATE LEVEL** GRADED EXPONENTIAL B — 0.1%/k hrs. M — 1%/k hrs. C — 0.01%/k hrs. P — 0.1%/k hrs. D — 0.001%/k hrs. R — 001%/k hrs. .S — 0.001%k hrs. **Failure Rates apply only to military products For Military Ordering, see page 4. LEAD MATERIAL S — Standard Positive: Alloy 52 (solder coated) Negative: Solder coated nickel SPECIFICATION All capacitors are sleeved unless specified. Military specification number Specification sheet number and trademark Nonsignificant dash number and “J” for JAN Polarity, date code (1st digit indicates year and the next two digits indicate the week) and lot symbol CSR09 CAPACITOR MARKINGS PER MIL-PRF-39003 39003 02 - K 2961J +333 XX D L B 1.50 ±.250 (38.10 ±6.35) 1.50 ±.250 (38.10 ±6.35) + *Part Number Example: T222A225K010BS (14 digits - no spaces) |