| 전자부품 데이터시트 검색엔진 |
|
CSR91B565KM 데이터시트(PDF) 7 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR91B565KM 데이터시트(HTML) 7 Page - Kemet Corporation |
|
7 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C (Cont’d) 2.7 B 5,10,20 T110B275(1)020AS 0.5 4 3.3 B 5,10,20 T110B335(1)020AS 1.0 4 3.9 B 5,10,20 T110B395(1)020AS 1.0 4 4.7 B 5,10,20 T110B475(1)020AS 1.0 4 5.6 B 5,10,20 T110B565(1)020AS 1.0 4 6.8 B 5,10,20 T110B685(1)020AS 1.0 4 8.2 B 5 T110B825J020AS 1.0 6 5031 5231 5431 5631 6075 7075 8075 T212B825J020(2)S 8.2 B 10 T110B825K020AS 1.0 6 2285 2525 2765 3005 6076 7076 8076 T212B825K020(2)S 8.2 B 20 T110B825M020AS 1.0 6 10.0 B 5 T110B106J020AS 1.0 6 5032 5232 5432 5632 6077 7077 8077 T212B106J020(2)S 10.0 B 10 T110B106K020AS 1.0 6 2286 2526 2766 3006 6078 7078 8078 T212B106K020(2)S 10.0 B 20 T110B106M020AS 1.0 6 2287 2527 2767 3007 6079 7079 8079 T212B106M020(2)S 12.0 B 5 T110B126J020AS 1.0 6 5033 5233 5433 5633 6080 7080 8080 T212B126J020(2)S 12.0 B 10 T110B126K020AS 1.0 6 2288 2528 2768 3008 6081 7081 8081 T212B126K020(2)S 12.0 B 20 T110B126M020AS 1.0 6 15.0 B 5 T110B156J020AS 2.0 6 5034 5234 5434 5634 6082 7082 8082 T212B156J020(2)S 15.0 B 10 T110B156K020AS 2.0 6 2289 2529 2769 3009 6083 7083 8083 T212B156K020(2)S 15.0 B 20 T110B156M020AS 2.0 6 2290 2530 2770 3010 6084 7084 8084 T212B156M020(2)S 18.0 C 5,10,20 T110C186(1)020AS 2.0 6 22.0 C 5,10,20 T110C226(1)020AS 2.5 6 27.0 C 5 T110C276J020AS 2.5 6 5035 5235 5435 5635 6085 7085 8085 T212C276J020(2)S 27.0 C 10 T110C276K020AS 2.5 6 2291 2531 2771 3011 6086 7086 8086 T212C276K020(2)S 27.0 C 20 T110C276M020AS 2.5 6 33.0 C 5 T110C336J020AS 3.0 6 5036 5236 5436 5636 6087 7087 8087 T212C336J020(2)S 33.0 C 10 T110C336K020AS 3.0 6 2292 2532 2772 3012 6088 7088 8088 T212C336K020(2)S 33.0 C 20 T110C336M020AS 3.0 6 2293 2533 2773 3013 6089 7089 8089 T212C336M020(2)S 39.0 C 5 T110C396J020AS 3.0 6 5037 5237 5437 5637 6090 7090 8090 T212C396J020(2)S 39.0 C 10 T110C396K020AS 3.0 6 2294 2534 2774 3014 6091 7091 8091 T212C396K020(2)S 39.0 C 20 T110C396M020AS 3.0 6 47.0 C 5 T110C476J020AS 4.5 6 5038 5238 5438 5638 6092 7092 8092 T212C476J020(2)S 47.0 C 10 T110C476K020AS 4.5 6 2295 2535 2775 3015 6093 7093 8093 T212C476K020(2)S 47.0 C 20 T110C476M020AS 4.5 6 2296 2536 2776 3016 6094 7094 8094 T212C476M020(2)S 56.0 D 5 T110D566J020AS 5.5 6 5039 5239 5439 5639 6095 7095 8095 T212D566J020(2)S 56.0 D 10 T110D566K020AS 5.5 6 2297 2537 2777 3017 6096 7096 8096 T212D566K020(2)S 56.0 D 20 T110D566M020AS 5.5 6 68.0 D 5 T110D686J020AS 6.0 6 5040 5240 5440 5640 6097 7097 8097 T212D686J020(2)S 68.0 D 10 T110D686K020AS 6.0 6 2298 2538 2778 3018 6098 7098 8098 T212D686K020(2)S 68.0 D 20 T110D686M020AS 6.0 6 2299 2539 2779 3019 6099 7099 8099 T212D686M020(2)S 82.0 D 5 T110D826J020AS 6.0 6 5041 5241 5441 5641 6100 7100 8100 T212D826J020(2)S 82.0 D 10 T110D826K020AS 6.0 6 2300 2540 2780 3020 6101 7101 8101 T212D826K020(2)S 82.0 D 20 T110D826M020AS 6.0 6 100.0 D 5 T110D107J020AS 10.0 6 5042 5242 5442 5642 6102 7102 8102 T212D107J020(2)S 100.0 D 10 T110D107K020AS 10.0 6 2301 2541 2781 3021 6103 7103 8103 T212D107K020(2)S 100.0 D 20 T110D107M020AS 10.0 6 2302 2542 2782 3022 6104 7104 8104 T212D107M020(2)S 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C 0.0047 A 5,10,20 T110A472(1)035AS 0.1 3 0.0056 A 5,10,20 T110A562(1)035AS 0.1 3 0.0068 A 5,10,20 T110A682(1)035AS 0.1 3 0.0082 A 5,10,20 T110A822(1)035AS 0.1 3 0.01 A 5,10,20 T110A103(1)035AS 0.1 3 0.012 A 5,10,20 T110A123(1)035AS 0.1 3 0.015 A 5,10,20 T110A153(1)035AS 0.1 3 0.018 A 5,10,20 T110A183(1)035AS 0.1 3 0.022 A 5,10,20 T110A223(1)035AS 0.1 3 0.027 A 5,10,20 T110A273(1)035AS 0.1 3 0.033 A 5,10,20 T110A333(1)035AS 0.1 3 0.039 A 5,10,20 T110A393(1)035AS 0.1 3 0.047 A 5,10,20 T110A473(1)035AS 0.1 3 0.056 A 5,10,20 T110A563(1)035AS 0.1 3 TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CRS13) 10 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |