전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HZS4LL 데이터시트(PDF) 1 Page - EIC discrete Semiconductors

부품명 HZS4LL
상세설명  ZENER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HZS4LL 데이터시트(HTML) 1 Page - EIC discrete Semiconductors

  HZS4LL Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HZS-LL Series
ZENER DIODES
PD : 250 mW
FEATURES :
* High reliability
* Low leakage current, low dynamic resistance
* Pb / RoHS Free
MECHANICAL DATA
Case: DO-34 Glass Case
Weight: approx. 0.093g
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Parameter
Symbol
Value
Unit
Forward Rectifier Current
50
mA
Power Dissipation
PD
250
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
- 55 to + 175
°C
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Test
Maximum
Maximum Zener
Typical Zener
Current
Reverse Current
Impredance
Impredance
IZT
IR
@ VR
ZZT @ IZT
ZZK @ IZK
ΔVZ1 *
ΔVZ2 *
min.
max.
(mA)
(nA)
(V)
(
Ω)
(mA)
(KΩ)
(mA)
max
max
A
1.6
2.0
B
1.9
2.3
C
2.2
2.6
A
2.5
2.9
B
2.8
3.2
C
3.1
3.5
A
3.4
3.8
B
3.7
4.1
C
4.0
4.4
A
4.3
4.7
B
4.6
5.0
C
4.9
5.3
* Δ VZ1 = VZ (IZ = 0.5 mA) - VZ1 (IZ = 0.05 mA)
Δ VZ1 = VZ1 (IZ = 0.5 mA) - VZ2 (IZ = 0.05 mA)
Note:
When place an order HZS-LL series, named HZS2ALL, HZS2BLL
⋅⋅⋅⋅⋅⋅⋅ HZS5CLL
Page 1 of 1
Rev. 03 : December 3, 2008
ΔVz (V)
Zener Voltage
Vz (V)
HZS2LL
0.5
350
0.5
1.2
50
0.5
0.5
380
100
2.0
1.0
100
3.0
HZS4LL
HZS5LL
0.5
0.5
0.5
0.6
0.5
1.5
50
0.6
1.2
Type
360
0.5
100
50
100
0.5
HZS3LL
0.5
0.6
IF
Grade
370
0.5
1.5
50
0.6
0.5
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


유사한 부품 번호 - HZS4LL

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HZS4LL RENESAS-HZS4LL Datasheet
67Kb / 5P
Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
More results

유사한 설명 - HZS4LL

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com