전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALR100 데이터시트(PDF) 1 Page - Advanced Semiconductor

부품명 ALR100
상세설명  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASI [Advanced Semiconductor]
홈페이지  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ALR100 데이터시트(HTML) 1 Page - Advanced Semiconductor

  ALR100 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
65
V
BVCES
IC = 100 mA
65
V
BVEBO
IE = 10 mA
3.5
V
ICES
VCE = 32 V
20
mA
hFE
VCE = 5.0 V
IC = 5.0 A
15
---
---
PG
η
C
VCC = 28 V
POUT = 100 W
f = 1.2 to 1.4 GHz
6.0
50
dB
%
NPN SILICON RF POWER TRANSISTOR
ALR100
DESCRIPTION:
The
ASI ALR100 is Designed for
1200 – 1400 MHz, L-Band Applications.
FEATURES:
• Internal Input/Output Matching Network
• P
G = 6.0 dB at 100 W/1400 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
13.5 A
VCC
32 V
PDISS
270 W @ TC = 25 °C
TJ
-65 °C to +250 °C
TSTG
-65 °C to +200 °C
θ
JC
0.55 °
OC/W
PACKAGE STYLE .400 2L FLG
1 = COLLECTOR
2&3 = BASE
4 = EMITTER
ORDER CODE: ASI10514
MIN IMU M
inches / m m
.395 / 1 0.03
.140 / 3.56
B
C
D
E
F
G
A
M AXIM U M
.230 / 5.84
.407 / 10.34
inches / m m
H
.118 / 3.00
.131 / 3 .3 3
DIM
K
L
I
J
.386 / 9 .8 0
O
P
Q
R
N
M
.450 / 1 1.43
.050 / 1.27
.11 0 / 2.80
.19 3 / 4.90
.003 / 0.08
.006 / 0.15
.900 / 22.86
.65 0 / 16.51
.063 / 1 .6 0
.125 / 3.18
.170 / 4.32
.062 / 1.58
.405 / 1 0.29
.11 0 / 2.80
J
P
G
M
C
B
D
H
F
N
Q
I
O
K
E
Ø.120
A
.062 x 45°
R
L
1
2
3
4


유사한 부품 번호 - ALR100

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
ALR100 ASI-ALR100 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
logo
PAIRUI GROUP INC.
ALR100-12 PAIRUI-ALR100-12 Datasheet
612Kb / 4P
AC-DC Converter
ALR100-15 PAIRUI-ALR100-15 Datasheet
612Kb / 4P
AC-DC Converter
ALR100-24 PAIRUI-ALR100-24 Datasheet
612Kb / 4P
AC-DC Converter
More results

유사한 설명 - ALR100

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com