전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3553 데이터시트(PDF) 2 Page - Seme LAB

부품명 2N3553
상세설명  NPN SILICON HIGH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3553 데이터시트(HTML) 2 Page - Seme LAB

  2N3553 Datasheet HTML 1Page - Seme LAB 2N3553 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3553
Document Number 5619
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
mA
V
MHz
pF
W
dB
%
40
4.0
0.1
5.0
1.0
0.1
10
1.0
500
8.0
10
0.25
10
50
VCEO(sus)
V(BR)EBO
ICEO
ICEX
IEBO
hFE
VCE(sat)
fT
Cobo
Pin
Gpe
N
Collector Emitter Sustaining Voltage
Emitter Base Breakdown Voltage
Collector Cut Off Current
Collector Cut Off Current
VBE(off) = 1.5V
Emitter Cut Off Current
DC Current Gain
Collector Emitter Saturation Voltage
Current Gain - Bandwidth Product
Output Capacitance
Power Input
Common Emitter Amplifier Power
Gain
Collector Efficiency
IC = 200mA
IB = 0
IE = 0.1mA
IC = 0
VCE = 30V
IB = 0
VCE = 30V
TC = 200°C
VCE = 65V
VBE = 4V
IC= 0
IC = 250mA
VCE = 1.0V
IC = 250mA
IB = 50mA
IC = 100mA
VCE = 28V
f = 100MHz
IE = 0
VCB = 30V
f = 100kHz
Pout = 2.5W
VCE = 28V
f =175MHz
Pout = 2.5W
VCE = 28V
f =175MHz
Pout = 2.5W
VCE = 28V
f =175MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com