전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5663 데이터시트(PDF) 2 Page - Seme LAB

부품명 2N5663
상세설명  NPN BIPOLAR POWER SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5663 데이터시트(HTML) 2 Page - Seme LAB

  2N5663 Datasheet HTML 1Page - Seme LAB 2N5663 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Document Number 5384
Issue 1
2N5662
2N5663
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
200
300
6.0
0.2
0.1
1.0
0.4
0.8
1.2
1.5
40
25
40
120
25
75
15
5.0
45
2.0
7.0
0.25
0.85
1.2
IC = 10mA
IE = 10µA
VCE1 = 200V VCE2 = 300V
VCB1 = 200V VCB2 = 300V
VCB1 = 250V VCB2 = 400V
IC = 1.0A
IB = 0.1A
IC = 2.0A
IB = 0.4A
IC = 1.0A
IB = 0.1A
IC = 2.0A
IB = 0.4A
IC = 50mA
VCE = 2V
IC = 50mA
VCE = 2V
IC = 0.5A
VCE = 5V
IC = 0.5A
VCE = 5V
IC = 1.0A
VCE = 5V
IC = 2.0A
VCE = 5V
VCB = 10V
IE = 0A
100kHz < f < 1MHz
f = 10MHz
IC = 0.1A
VCE = 5V
IB11 = 15mA
IB12 = 25mA
IC = 0.5A
VCC = 100V
IB11 =-IB2 = 15mA
IB12 =-IB2 = 25mA
IC = 0.5A
VCC = 100V
V(BR)CEO* Collector – Emitter
Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICES
Collector – Emitter Cut-off Current (IB = 0)
ICBO
Collector – Base Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter On Voltage
hFE*
DC Current Gain
Cobo
Output Capacitance
[hfe]
Small Signal Current Gain
ton
Turn on time
toff
Turn off time
V
µA
µA
mA
V
—
pF
—
µs
ELECTRICAL CHARACTERISTICS - 2N5666 (TA = 25°C unless otherwise stated)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
NOTES
* Pulse Test: tp = 300µs, δ≤ 2%
1) Value for the 2N5662
2) Value for the 2N5663
2N5662
2N5663
2N5662
2N5663
Both
Both
2N5662
2N5663
2N5662
2N5663



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com