| 전자부품 데이터시트 검색엔진 |
|
MJD44H11 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MJD44H11 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() August 2009 Doc ID 5470 Rev 3 1/8 8 MJD44H11 MJD45H11 Complementary power transistors Features ■ Low collector-emitter saturation voltage ■ Fast switching speed ■ Surface-mounting TO-252 (DPAK) power package in tape and reel (suffix "T4") Applications ■ Power amplifier ■ Switching circuits Description The devices are manufactured in low voltage multi epitaxial planar technology. They are intended for general purpose linear and switching applications. . Figure 1. Internal schematic diagram DPAK TO-252 1 3 2 TAB Table 1. Device summary Order codes Marking Polarity Package Packaging MJD44H11T4 MJD44H11 NPN DPAK Tape and reel MJD45H11T4 MJD45H11 PNP DPAK Tape and reel www.st.com |
유사한 부품 번호 - MJD44H11_09 |
|
유사한 설명 - MJD44H11_09 |