| 전자부품 데이터시트 검색엔진 |
|
M5451Q 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M5451Q 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() 1/12 April 2004 M5450 M5451 LED DISPLAY DRIVERS REV. 2 FEATURES SUMMARY ■ M5450 34 OUTPUTS/15mA SINK ■ M5451 35 OUTPUTS/15mA SINK ■ CURRENT GENERATOR OUTPUTS (NO EXTERNAL RESISTORS REQUIRED) ■ CONTINUOUS BRIGHTNESS CONTROL ■ SERIAL DATA INPUT ■ ENABLE (ON M5450) ■ WIDE SUPPLY VOLTAGE OPERATION ■ TTL COMPATIBILITY Application Examples: ■ MICROPROCESSOR DISPLAYS ■ INDUSTRIAL CONTROL INDICATOR ■ RELAY DRIVER ■ INSTRUMENTATION READOUTS DESCRIPTION The M5450 and M5451 are monolithic MOS inte- grated circuits produced with an N-channel silicon gate technology. They are available in 40-pin dual in-line plastic packages. A single pin controls the LED display brightness by setting a reference current through a variable re- sistor connected to VDD or to a separate supply of 13.2V maximum. Figure 1. Packages 1 40 PLCC44 (Plastic Chip Carrier) PDIP40 (Plastic Package) Obsolete Product(s) - Obsolete Product(s) |
유사한 부품 번호 - M5451Q |
|
유사한 설명 - M5451Q |