전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1728 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 SD1728
상세설명  RF & Microwave transistors HF SSB application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1728 데이터시트(HTML) 6 Page - STMicroelectronics

  SD1728_07 Datasheet HTML 1Page - STMicroelectronics SD1728_07 Datasheet HTML 2Page - STMicroelectronics SD1728_07 Datasheet HTML 3Page - STMicroelectronics SD1728_07 Datasheet HTML 4Page - STMicroelectronics SD1728_07 Datasheet HTML 5Page - STMicroelectronics SD1728_07 Datasheet HTML 6Page - STMicroelectronics SD1728_07 Datasheet HTML 7Page - STMicroelectronics SD1728_07 Datasheet HTML 8Page - STMicroelectronics SD1728_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
SD1728 (TH430)
6/9
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9