전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB80PF55 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STB80PF55
상세설명  P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STB80PF55 Datasheet HTML 6Page - STMicroelectronics STB80PF55 Datasheet HTML 7Page - STMicroelectronics STB80PF55 Datasheet HTML 8Page - STMicroelectronics STB80PF55 Datasheet HTML 9Page - STMicroelectronics STB80PF55 Datasheet HTML 10Page - STMicroelectronics STB80PF55 Datasheet HTML 11Page - STMicroelectronics STB80PF55 Datasheet HTML 12Page - STMicroelectronics STB80PF55 Datasheet HTML 13Page - STMicroelectronics STB80PF55 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STB80PF55, STP80PF55
10/16
Doc ID 8177 Rev 6
Table 8.
D2PAK mechanical data
Dim
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A1
0.03
0.23
0.001
0.009
b
0.70
0.93
0.027
0.037
b2
1.14
1.70
0.045
0.067
c
0.45
0.60
0.017
0.024
c2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
7.50
0.295
E
10
10.40
0.394
0.409
E1
8.50
0.334
e
2.54
0.1
e1
4.88
5.28
0.192
0.208
H
15
15.85
0.590
0.624
J1
2.49
2.69
0.099
0.106
L
2.29
2.79
0.090
0.110
L1
1.27
1.40
0.05
0.055
L2
1.30
1.75
0.051
0.069
R
0.4
0.016
V2
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com