전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW34XCSM 데이터시트(PDF) 1 Page - Seme LAB

부품명 BCW34XCSM
상세설명  Bipolar NPN Device in a Hermetically sealed LCC1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCW34XCSM 데이터시트(HTML) 1 Page - Seme LAB

  BCW34XCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCW34XCSM
Bipolar NPN Device.
V
CEO =
45V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
45
V
I
C(CONT)
0.6
A
h
FE
@ 5/10m (V
CE / IC)
100
350
-
f
t
150M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Bipolar NPN Device in a
Hermetically sealed LCC1
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PINOUTS
1 – Base
2 – Emitter
3 - Collector


유사한 부품 번호 - BCW34XCSM

제조업체부품명데이터시트상세설명
logo
Seme LAB
BCW34X SEME-LAB-BCW34X Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BCW34XDCSM SEME-LAB-BCW34XDCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
More results

유사한 설명 - BCW34XCSM

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N916CSM SEME-LAB-2N916CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N2222CSM SEME-LAB-2N2222CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N2368ACSM SEME-LAB-2N2368ACSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N3012CSM SEME-LAB-2N3012CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
2N3509CSM SEME-LAB-2N3509CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BC107CSM SEME-LAB-BC107CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BFY90CSM SEME-LAB-BFY90CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BSS73CSM SEME-LAB-BSS73CSM Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BSX20CSM SEME-LAB-BSX20CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BSX33CSM SEME-LAB-BSX33CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com