전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170C 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STPS30170C
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170C 데이터시트(HTML) 1 Page - STMicroelectronics

  STPS30170C Datasheet HTML 1Page - STMicroelectronics STPS30170C Datasheet HTML 2Page - STMicroelectronics STPS30170C Datasheet HTML 3Page - STMicroelectronics STPS30170C Datasheet HTML 4Page - STMicroelectronics STPS30170C Datasheet HTML 5Page - STMicroelectronics STPS30170C Datasheet HTML 6Page - STMicroelectronics STPS30170C Datasheet HTML 7Page - STMicroelectronics STPS30170C Datasheet HTML 8Page - STMicroelectronics STPS30170C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
Table 1: Main Product Characteristics
IF(AV)
2 x 15 A
VRRM
170 V
Tj
175 °C
VF(max)
0.75 V
STPS30170C
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
REV. 1
K
A1
A2
A1
K
A2
TO-247
STPS30170CW
A1
K
A2
A1
K
A2
A1
K
A2
TO-220AB
STPS30170CT
TO-220FPAB
STPS30170CFP
D2PAK
STPS30170CG
September 2005
FEATURES AND BENEFITS
■ High junction temperature capability
■ Low leakage current
■ Good trade off between leakage current and
forward voltage drop
■ Insulated package: TO-220FPAB
Insulating voltage: 2000 V DC
Capacitance: 45 pF
■ Avalanche specification
DESCRIPTION
Dual center tab Schottky rectifier suited for High
Frequency Switch Mode Power Supply.
Table 2: Order Codes
Part Numbers
Marking
STPS30170CW
STPS30170CW
STPS30170CT
STPS30170CT
STPS30170CFP
STPS30170CFP
STPS30170CG
STPS30170CG
STPS30170CG-TR
STPS30170CG


유사한 부품 번호 - STPS30170C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS30170C STMICROELECTRONICS-STPS30170C Datasheet
490Kb / 13P
High voltage power Schottky rectifier
16-May-2017
STPS30170CG-TR STMICROELECTRONICS-STPS30170CG-TR Datasheet
490Kb / 13P
High voltage power Schottky rectifier
16-May-2017
STPS30170CW STMICROELECTRONICS-STPS30170CW Datasheet
490Kb / 13P
High voltage power Schottky rectifier
16-May-2017
STPS30170C STMICROELECTRONICS-STPS30170C_V01 Datasheet
490Kb / 13P
High voltage power Schottky rectifier
16-May-2017
More results

유사한 설명 - STPS30170C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com