전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170CW 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS30170CW
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170CW 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS30170CW Datasheet HTML 1Page - STMicroelectronics STPS30170CW Datasheet HTML 2Page - STMicroelectronics STPS30170CW Datasheet HTML 3Page - STMicroelectronics STPS30170CW Datasheet HTML 4Page - STMicroelectronics STPS30170CW Datasheet HTML 5Page - STMicroelectronics STPS30170CW Datasheet HTML 6Page - STMicroelectronics STPS30170CW Datasheet HTML 7Page - STMicroelectronics STPS30170CW Datasheet HTML 8Page - STMicroelectronics STPS30170CW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS30170C
3/9
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5, per diode)
Figure
3:
Normalized
avalanche
power
derating versus pulse duration
Figure
4:
Normalized
avalanche
power
derating versus junction temperature
Figure 5: Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode) (TO-220AB, TO-247, D2PAK)
Figure 6: Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode) (TO-220FPAB)
0
2
4
6
8
10
12
14
012
345678
9
10 11 12 13 14 15 16 17 18
P
F(AV)(W)
d=0.05
d=0.1
d=0.2
d=0.5
d=1
T
d=t /T
p
tp
IF(AV)(A)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
I
F(AV)(A)
R
th
(j-A)=15 °C/W
T
d=t /T
p
tp
R
th(j-a)=Rth(j-c) (TO-220AB, TO -247 & D²PAK)
R
th(j-a)=Rth(j-c) (TO-220AB, TO -247 & D²PAK)
R
th(j-a)=Rth(j-c)
(TO-220FPAB)
R
th(j-a)=Rth(j-c)
(TO-220FPAB)
Tamb(°C)
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
0
25
50
75
100
125
150
175
200
225
1.E-03
1.E-02
1.E-01
1.E+00
I
M(A)
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
d =0.5
TO-220AB, TO -247 & D²PAK
t(s)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1.E-03
1.E-02
1.E-01
1.E+00
I
M(A)
T
C=50°C
T
C=75°C
T
C=125°C
IM
t
d =0.5
TO-220FPAB
t(s)



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com