전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170CFP 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STPS30170CFP
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170CFP 데이터시트(HTML) 8 Page - STMicroelectronics

  STPS30170CFP Datasheet HTML 1Page - STMicroelectronics STPS30170CFP Datasheet HTML 2Page - STMicroelectronics STPS30170CFP Datasheet HTML 3Page - STMicroelectronics STPS30170CFP Datasheet HTML 4Page - STMicroelectronics STPS30170CFP Datasheet HTML 5Page - STMicroelectronics STPS30170CFP Datasheet HTML 6Page - STMicroelectronics STPS30170CFP Datasheet HTML 7Page - STMicroelectronics STPS30170CFP Datasheet HTML 8Page - STMicroelectronics STPS30170CFP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STPS30170C
8/9
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 6: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ TO-220 - Recommended torque value: 0.55 Nm, Maximum torque value: 0.7 Nm.
■ TO-247 - Recommended torque value: 0.8 Nm, Maximum torque value: 1.0 Nm.
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS30170CW
STPS30170CW
TO-247
4.40 g
30
Tube
STPS30170CT
STPS30170CT
TO-220AB
2 g
50
Tube
STPS30170CFP
STPS30170CFP
TO-220FPAB
1.9 g
50
Tube
STPS30170CG
STPS30170CG
D2PAK
1.48 g
50
Tube
STPS30170CG-TR
STPS30170CG
1000
Tape & reel
Table 7: Revision History
Date
Revision
Description of Changes
16-Sep-2005
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com