| 전자부품 데이터시트 검색엔진 |
|
EV8380 데이터시트(PDF) 2 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV8380 데이터시트(HTML) 2 Page - CML Microcircuits |
|
2 / 29 page ![]() Evaluation Kit for CMX838 Family Radio Processor 2 EV8380 User Manual ¤ ¤ ¤ ¤2001 MX-COM, Inc. www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054 Doc. # 20480230.001 4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies. CONTENTS Section ..........................................................................................................................Page 1 Preliminary Information ................................................................................................ 4 1.1 Laboratory Equipment........................................................................................................... 4 1.2 Handling Precautions............................................................................................................4 1.2.1 Static Protection...................................................................................................................... 4 1.2.2 Contents - Unpacking ............................................................................................................. 4 2 General Description ...................................................................................................... 4 3 Operation .......................................................................................................................4 3.1 Setting-Up............................................................................................................................. 4 3.2 EV8380 Graphical User Interface (GUI)................................................................................ 6 3.2.1 General Comments................................................................................................................. 6 3.2.2 Starting the EV8380 GUI ........................................................................................................ 6 3.2.3 EV8380 GUI Buttons and Text Boxes .................................................................................... 6 3.2.4 EV8380 GUI Examples: Direct Register Operations .............................................................. 7 3.2.5 EV8380 GUI Examples: Using Text Script Files with the “SEND FILE” Utility ....................... 7 3.2.6 Creating EV8380 Text Script Files ......................................................................................... 7 3.3 EV8380 External Connections ............................................................................................ 10 4 General Notes.............................................................................................................. 11 4.1 Baseband Clock Generation ............................................................................................... 11 4.1.1 Using the RF Reference Oscillator as the CMX838 Clock Source....................................... 11 4.1.2 Using External Sources as the CMX838 Clock Source........................................................ 11 4.2 Subaudio Processing .......................................................................................................... 12 4.2.1 Power-Up Initialization Sequence for CMX838 .................................................................... 14 5 Programming Examples ............................................................................................. 14 5.1 Device Setup ...................................................................................................................... 14 5.2 Tone Signaling Processor Examples .................................................................................. 17 5.2.1 How to Generate a Standard CTCSS Tone ......................................................................... 17 5.2.2 How to Generate A User-Defined TX Subaudio Tone.......................................................... 17 5.2.3 How to Generate an Audio Tone at the AUX I/O Pin............................................................ 17 5.2.4 How to Detect a Standard CTCSS Tone .............................................................................. 18 5.2.5 How to Quickly Enable/Disable Multiple Detectors............................................................... 19 5.2.6 How to Detect a User-Defined Subaudio Tone .................................................................... 20 5.3 Audio Filtering Examples .................................................................................................... 21 5.3.1 How to Generate “Melody Tone” And Process It with the CMX838 ..................................... 21 5.3.2 How to Use Pre-Emphasis/De-Emphasis ............................................................................. 21 5.4 RF Programming Examples ................................................................................................ 22 5.4.1 How to Change an FRS RF Channel ................................................................................... 22 5.4.2 How to Set the IF Offset For A FRS RX Channel................................................................. 22 5.5 Modulation Section Programming Example ........................................................................ 22 |