전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FX829 데이터시트(PDF) 22 Page - CML Microcircuits

부품명 FX829
상세설명  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CMLMICRO [CML Microcircuits]
홈페이지  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 데이터시트(HTML) 22 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 18Page - CML Microcircuits FX829 Datasheet HTML 19Page - CML Microcircuits FX829 Datasheet HTML 20Page - CML Microcircuits FX829 Datasheet HTML 21Page - CML Microcircuits FX829 Datasheet HTML 22Page - CML Microcircuits FX829 Datasheet HTML 23Page - CML Microcircuits FX829 Datasheet HTML 24Page - CML Microcircuits FX829 Datasheet HTML 25Page - CML Microcircuits FX829 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
22
D/829/4
(c)
Subsequent bytes of Tx data should be written to the TXDATA register as soon as the
TXDATAF bit has been set to”1”. After the last byte of Tx data has been loaded, the
TXDATAF bit will be set after both 8 and 16 FFSK bit-periods followed by the TXIDLEF bit
which will be set approximately one FFSK bit-period later, to indicate that the final bit has
been transmitted.
(d) The TXDATAF bit will continue to be set every 8 FFSK bit-periods, regardless of whether Tx
data is written to the TXDATA register or not, providing the transmitter is enabled (FFSK Tx
mode = FFSKTX bit set to “1”). Note that whilst the 2-byte checksum is being generated and
transmitted, the TXDATAF bit will not be set for approximately 24 FFSK bit-periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34