| 전자부품 데이터시트 검색엔진 |
|
AP1605 데이터시트(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP1605 데이터시트(HTML) 3 Page - Diodes Incorporated |
|
3 / 8 page ![]() AP1605 PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR AP1605 Rev. 2 3 of 8 FEBRUARY 2009 www.diodes.com © Diodes Incorporated Block Diagram Oscillation Circuit Reference Voltage Source PWM /PFM -Switched Control Circuit + - AP1605 VSS FB PV CC SW VCC CE Absolute Maximum Ratings Symbol Parameter Rating Unit VCC VCC Pin Voltage VSS - 0.3 to VSS + 8 V PVCC PVCC Pin Voltage VSS - 0.3 to VSS + 8 V FB FB Pin Voltage VSS - 0.3 to VSS + 8 V VCE ON/OFF Pin Voltage VSS - 0.3 to VSS + 8 V VSW Switch Pin Voltage VSS - 0.3 to VIN + 0.3 V PD Power Dissipation 1200 mW TOPR Operating Temperature Range -20 to +85 oC TSTG Storage Temperature Range -20 to +125 oC Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. |