| 전자부품 데이터시트 검색엔진 |
|
STM8L15 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L15 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 122 page ![]() Pin description STM8L151xx, STM8L152xx 28/122 Doc ID 15962 Rev 5 -5 5 D4 PA5/TIM3_BKIN/ [TIM3_TRIG](3)/ LCD_COM1(2)/ADC1_IN1/ COMP1_INP I/O X XX HS X X Port A5 Timer 3 - break input / [Timer 3 - trigger] / LCD_COM 1 / ADC1 input 1 / Comparator 1 positive input 76 - - PA6/[ADC1_TRIG](3)/ LCD_COM2(2)/ADC1_IN0/ COMP1_INP I/O X XX HS X X Port A6 [ADC1 - trigger] / LCD_COM2 / ADC1 input 0 / Comparator 1 positive input 8 - - - PA7/LCD_SEG0(2)(4) I/O FT X XX HS X X Port A7 LCD segment 0 24 13 12 E3 PB0(5)/TIM2_CH1/ LCD_SEG10(2)/ ADC1_IN18/COMP1_INP I/O X(5) X(5) XHS X X Port B0 Timer 2 - channel 1 / LCD segment 10 / ADC1_IN18 / Comparator 1 positive input 25 14 13 G1 PB1/TIM3_CH1/ LCD_SEG11(2)/ ADC1_IN17/COMP1_INP I/O X XX HS X X Port B1 Timer 3 - channel 1 / LCD segment 11 / ADC1_IN17 / Comparator 1 positive input 26 15 14 F2 PB2/ TIM2_CH2/ LCD_SEG12(2)/ ADC1_IN16/COMP1_INP I/O X XX HS X X Port B2 Timer 2 - channel 2 / LCD segment 12 / ADC1_IN16/ Comparator 1 positive input 27 - - - PB3/TIM2_TRIG/ LCD_SEG13(2)/ ADC1_IN15/COMP1_INP I/O X XX HS X X Port B3 Timer 2 - trigger / LCD segment 13 /ADC1_IN15 / Comparator 1 positive input -16 - - PB3/[TIM2_TRIG](3)/ TIM1_CH2N/LCD_SEG13 (2)/ADC1_IN15/ COMP1_INP I/O X XX HS X X Port B3 [Timer 2 - trigger] / Timer 1 inverted channel 2 / LCD segment 13 / ADC1_IN15 / Comparator 1 positive input Table 5. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |