| 전자부품 데이터시트 검색엔진 |
|
STM8L151C6T3 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C6T3 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 122 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 5 31/122 46 - - - PC7/LCD_SEG25(2)/ ADC1_IN3/COMP2_INM/ COMP1_INP I/O X XX HS X X Port C7 LCD segment 25 /ADC1_IN3/ Comparator negative input / Comparator 1 positive input 20 - 8 G3 PD0/TIM3_CH2/ [ADC1_TRIG](3)/ LCD_SEG7(2)/ADC1_IN2 2/COMP2_INP/ COMP1_INP I/O X XX HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / LCD segment 7 / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input -9 -- PD0/TIM3_CH2/ [ADC1_TRIG](3)/ ADC1_IN22/COMP2_INP/ COMP1_INP I/O X XX HS X X Port D0(7) Timer 3 - channel 2 / [ADC1_Trigger] / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input 21 - - - PD1/TIM3_TRIG/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O X XX HS X X Port D1 Timer 3 - trigger / LCD_COM3 / ADC1_IN21 / comparator 2 positive input / Comparator 1 positive input -10 - - PD1/TIM1_CH3N/[TIM3_T RIG](3)/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O X XX HS X X Port D1 [Timer 3 - trigger]/ TIM1 inverted channel 3 / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input -- 9 G2 PD1/TIM1_CH3/[TIM3_TR IG](3)/LCD_COM3(2)/ ADC1_IN21/COMP2_INP/ COMP1_INP I/O X XX HS X X Port D1 Timer 1 channel 3 / [Timer 3 - trigger] / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input Table 5. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |