전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L152C6T3 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 STM8L152C6T3
상세설명  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C6T3 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button STM8L152C6T3 Datasheet HTML 28Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 29Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 30Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 31Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 32Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 33Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 34Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 35Page - STMicroelectronics STM8L152C6T3 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
Pin description
STM8L151xx, STM8L152xx
32/122
Doc ID 15962 Rev 5
22 11 10 E4
PD2/TIM1_CH1
/LCD_SEG8(2)/
ADC1_IN20/COMP1_INP
I/O
X
XX
HS
X
X Port D2
Timer 1 - channel 1 /
LCD segment 8 /
ADC1_IN20 /
Comparator 1 positive
input
23 12
-
-
PD3/ TIM1_TRIG/
LCD_SEG9(2)/ADC1_IN1
9/COMP1_INP
I/O
X
XX
HS
X
X Port D3
Timer 1 - trigger / LCD
segment 9 / ADC1_IN19
/ Comparator 1 positive
input
--
11 F3
PD3/ TIM1_TRIG/
LCD_SEG9(2)/
ADC1_IN19/TIM1_BKIN/
COMP1_INP/
RTC_CALIB
I/O
X
XX
HS
X
X Port D3
Timer 1 - trigger / LCD
segment 9 / ADC1_IN19
/ Timer 1 break input /
RTC calibration /
Comparator 1 positive
input
33 21 20 C1
PD4/TIM1_CH2
/LCD_SEG18(2)/
ADC1_IN10/COMP1_INP
I/O
X
XX
HS
X
X Port D4
Timer 1 - channel 2 /
LCD segment 18 /
ADC1_IN10/
Comparator 1 positive
input
34 22
-
-
PD5/TIM1_CH3
/LCD_SEG19(2)/
ADC1_IN9/COMP1_INP
I/O
X
XX
HS
X
X Port D5
Timer 1 - channel 3 /
LCD segment 19 /
ADC1_IN9/ Comparator
1 positive input
35 23
-
-
PD6/TIM1_BKIN
/LCD_SEG20(2)/
ADC1_IN8/RTC_CALIB/
VREF_OUT/
COMP1_INP
I/O
X
XX
HS
X
X Port D6
Timer 1 - break input /
LCD segment 20 /
ADC1_IN8 / RTC
calibration / Voltage
reference output /
Comparator 1 positive
input
36 24
-
-
PD7/TIM1_CH1N
/LCD_SEG21(2)/
ADC1_IN7/RTC_ALARM/
VREF_OUT/
COMP1_INP
I/O
X
XX
HS
X
X Port D7
Timer 1 - inverted
channel 1/ LCD segment
21 / ADC1_IN7 / RTC
alarm / Voltage reference
output /Comparator 1
positive input
14
-
-
- PE0(4)/LCD_SEG1(2)
I/O FT
X
XX
HS
X
X Port E0
LCD segment 1
Table 5.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More