| 전자부품 데이터시트 검색엔진 |
|
STM8L101F2T3A 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T3A 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 81 page ![]() STM8L101xx Pin description Doc ID 15275 Rev 11 19/81 Figure 7. 32-pin package pinout 1. Example given for the UFQFPN32 package. The pinout is the same for the LQFP32 package. 2. HS corresponds to 20 mA high sink/source capability. 3. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). 1 2 3 4 PA5 (HS) / TIM3_BKIN PA6 (HS) / COMP_REF VSS VDD NRST / PA1 (HS) PA2 (HS) PA3 (HS) PA4 (HS) / TIM2_BKIN PD7 (HS) PD6 (HS) PB4 (HS) / SPI_NSS PB5 (HS) / SPI_SCK PB7 (HS) / SPI_MISO PD5 (HS) PD4 (HS) PB6 (HS) / SPI_MOSI 5 6 7 8 910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 32 31 30 29 28 27 26 25 |