전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8L101F1P6 데이터시트(PDF) 68 Page - STMicroelectronics

부품명 STM8L101F1P6
상세설명  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6 데이터시트(HTML) 68 Page - STMicroelectronics

Back Button STM8L101F1P6 Datasheet HTML 64Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 65Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 66Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 67Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 68Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 69Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 70Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 71Page - STMicroelectronics STM8L101F1P6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
Package characteristics
STM8L101xx
68/81
Doc ID 15275 Rev 11
L
0.30
0.40
0.50
0.0118
0.0157
0.0197
ddd
0.08
0.0031
Number of pins
N32
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Table 39.
UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-lead package (5 x 5),
package mechanical data (continued)
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81