전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DCP53 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 DCP53
상세설명  PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP53 데이터시트(HTML) 3 Page - Diodes Incorporated

  DCP53 Datasheet HTML 1Page - Diodes Incorporated DCP53 Datasheet HTML 2Page - Diodes Incorporated DCP53 Datasheet HTML 3Page - Diodes Incorporated DCP53 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30794 Rev. 4 - 2
3 of 4
www.diodes.com
DCP53/-16
© Diodes Incorporated
0
20
40
60
80
100
120
140
160
010
20
30
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
40
Ordering Information (Note 5)
Device
Packaging
Shipping
DCP53-13
SOT-223
2500/Tape & Reel
DCP53-16-13
SOT-223
2500/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
(Top View)
YWW
= Manufacturer’s code marking
XXX = Product type marking code Ex:
P18 = DCP53
P18-16 = DCP53-16
YWW = Date code marking
Y = Last digit of year ex: 7 = 2007
WW = Week code 01 - 52
Package Outline Dimensions
SOT-223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
–—
–—
4.60
e1
–—
–—
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm



Html Pages

1 2 3 4