| 전자부품 데이터시트 검색엔진 |
|
LB1821 데이터시트(PDF) 5 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LB1821 데이터시트(HTML) 5 Page - Sanyo Semicon Device |
|
5 / 16 page ![]() No. 5686-5/16 LB1821M Three-Phase Logic Truth Table (A high (H) input is the state where IN+ > IN–.) Item F / R = L F / R = H Output IN1 IN2 IN3 IN1 IN2 IN3 Source Sink 1 H L H L H L VH UL 2 H L L L H H WH UL 3 H H L L L H WH VL 4 L H L H L H UH VL 5 L H H H L L UH WL 6 L L H H H L VH WL S/S Pin Pin Assignment High or open Stop L Start BRK Pin High or open Brake L Released |