전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1823 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LB1823
상세설명  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LB1823 Datasheet HTML 3Page - Sanyo Semicon Device LB1823 Datasheet HTML 4Page - Sanyo Semicon Device LB1823 Datasheet HTML 5Page - Sanyo Semicon Device LB1823 Datasheet HTML 6Page - Sanyo Semicon Device LB1823 Datasheet HTML 7Page - Sanyo Semicon Device LB1823 Datasheet HTML 8Page - Sanyo Semicon Device LB1823 Datasheet HTML 9Page - Sanyo Semicon Device LB1823 Datasheet HTML 10Page - Sanyo Semicon Device LB1823 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
• Output transistors
The output transistors must be chosen according to the current and breakdown voltage settings determined by the
required motor power. Printed circuit board space considerations determine the choice of discrete or driver array
components.
The 2SC4070 (SPA) and 2SC4113 (SPA) lower side predriver transistors include an emitter-base resistor.
When no resistor is required, the same transistors as used in the output interface can be used.
Driver arrays:
SLA6022 and SLA6023 (Sanken)
12. Through currents due to the direct PWM technique
In the direct PWM technique through currents flow in the outputs due to the switching, e.g., when used in a discrete
structure (including predriver circuits) or in LB1822 applications. These through currents are due to the delays and
parasitic capacitances in the output transistors. Although additional capacitors were previously used to deal with this
problem, the LB1823 includes circuit modifications to ameliorate through currents. However, even despite these
measures, through currents can still occur if the values of R17, R18 and R19 are made too large, since the switching
time of the lower side transistors will be increased. Although whiskers of under 10 ns can be seen in the Rf voltage
waveform during switching, this will not be a problem. (These occur in the probe and do not correspond to current
flows.)
13. Oscillator element
Normally, a crystal resonator, a resistors, and two capacitors are connected to the LB1823 Xtal pin. A ceramic
oscillator could also be used in applications that do not require such precise speed control characteristics. To avoid
problems, consult with the manufacturer of the oscillator element when selecting the oscillator element and the
values of the external resistor and capacitors used. Use a circuit consisting of resistors and a pnp transistor as shown
in the figure to apply an external clock signal (CLK) to the Xtal pin.
fCLK = 1 to 10.2 MHz
Input signal levels
High level voltage: 4.0 V minimum
Low level voltage: 1.5 V maximum
Capacitors must be added to this circuit if overshoot
and/or undershoot appears in the input waveform. Be
sure to check for this condition in that case.
Reference values
No. 4263-10/11
LB1823
Upper side transistors
Lower side transistors
Current
Breakdown voltage
(Darlington)
2SA1259
2SD1060
5 A
50 V
2SB881
2SD1061
7 A
50 V
2SB882
2SD1062
10 A
50 V
2SB883
2SD1065
15 A
50 V
VCC = 6.3 V typ (5.8 to 6.8 V)
Ra = 1.5 k
Ω
Rb = 2.0 k
Ω
VCC = 5.0 V typ (4.5 to 5.5 V)
Ra = 2.0 k
Ω
Rb = 1.0 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com